PART |
Description |
Maker |
NTD23N03R NTD23N03R-1 NTD23N03R-1G NTD23N03RG NTD2 |
Power MOSFET 23A, 25V, N-Channel DPAK 23 Amps / 25 Volts / N-Channel DPAK 23 Amps, 25 Volts, N−Channel DPAK 23 Amps, 25 Volts, N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
STD35NF06 |
N-CHANNEL 60V 0.018 OHM 55A - DPAK - STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFETII MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFET⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ZXMN3A04KNBSP ZXMN3A04K ZXMN3A04KTC UZXMN3A04KTC |
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK From old datasheet system 12 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET DPAK-3
|
Diodes ZETEX[Zetex Semiconductors] Samtec, Inc.
|
MTD20N06HDLT4 MTD20N06HDL-D |
Power MOSFET 20 Amps, 60 Volts, Logic Level N-Channel DPAK Replace With NTD24N06L, Package: Dpak, Pins=3
|
ON Semiconductor ONSEMI
|
STD100NH02 STD100NH02L STD100NH02LT4 STD100NH02L-1 |
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET RESONATOR CERM W/CAP 10.00MHZ N沟道24V 0.0042欧姆-0A条的DPAK /像是iPak STripFET⑩三功率MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 24V - 0.0042 ohm - 60A DPAK/IPAK STripFET III POWER MOSFET N-channel 24V - 0.0042з - 60A - DPAK - IPAK STripFET⑩ II Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD9N10-1 STD9N10T4 STD9N10 |
N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR N沟道100V 0.23欧姆- 9A条的DPAK /像是iPak功率MOS器件 N-CHANNEL 100V - 0.23 & - 9A DPAK/IPAK MOSFET TRANSISTOR
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD5N20L STD5N20LT4 |
N-CHANNEL 200V - 0.65Ω - 5A DPAK STripFET MOSFET N-CHANNEL 200V - 0.65ヘ - 5A DPAK STripFET⑩ MOSFET
|
STMicroelectronics
|
STB3NK60Z STB3NK60ZT4 STP3NK60ZFP STP3NK60Z STD3NK |
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?┬ower MOSFET N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH⑩Power MOSFET N沟道600V 3.3ohm - 2.4 TO-220/FP/D2PAK/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 3.3 OHM - 2.4A TO-220/TO-220FP/D2PAK/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?Power MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STF2LN60K3 STD2LN60K3 STU2LN60K3 |
N-channel 600 V, 4 Ohm typ., 2 A, SuperMESH3(TM) Power MOSFET in DPAK package N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
|
ST Microelectronics STMicroelectronics
|
IRLR024TR IRLR024TRLPBF IRLR024PBF |
Trans MOSFET N-CH 60V 14A 3-Pin(2 Tab) DPAK T/R TRANSISTOR 14 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252, ROHS COMPLIANT, DPAK-3, FET General Purpose Power
|
Vishay Siliconix
|
NTD20N06L-1G NTD20N06LG |
Power MOSFET 20 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 20 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 20 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 20 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD3NC60 STD3NC60-1 |
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh⑩II MOSFET N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMeshII MOSFET N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?II MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|